Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CA11022 Datasheet(PDF) 3 Page - Ledil, Inc.

No. de pieza CA11022
Descripción Electrónicos  ~45째 wide beam optimized for Nichia NCSxx19.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11022 Datasheet(HTML) 3 Page - Ledil, Inc.

  CA11022 Datasheet HTML 1Page - Ledil, Inc. CA11022 Datasheet HTML 2Page - Ledil, Inc. CA11022 Datasheet HTML 3Page - Ledil, Inc. CA11022 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT
DATASHEET
CA11022_TINA2-W
PHOTOMETRIC DATA (MEASURED):
LED
NCSxx19A
FWHM
46.0°
Efficiency
88 %
Peak intensity
1.300 cd/lm
Required components:
LED
NVSxx19A
FWHM
58.0°
Efficiency
82 %
Peak intensity
0.900 cd/lm
Required components:
LED
LH181A
FWHM
36.0°
Efficiency
84 %
Peak intensity
2.000 cd/lm
Required components:
Last update: 15/05/2018
Subject to change without prior notice
3/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com