Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2312GQ Datasheet(PDF) 1 Page - Monolithic Power Systems

No. de pieza MP2312GQ
Descripción Electrónicos  24V, High Current Synchronous Step-down Converter Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2312GQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2312GQ Datasheet HTML 1Page - Monolithic Power Systems MP2312GQ Datasheet HTML 2Page - Monolithic Power Systems MP2312GQ Datasheet HTML 3Page - Monolithic Power Systems MP2312GQ Datasheet HTML 4Page - Monolithic Power Systems MP2312GQ Datasheet HTML 5Page - Monolithic Power Systems MP2312GQ Datasheet HTML 6Page - Monolithic Power Systems MP2312GQ Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV2312-Q-00A
24V, High Current
Synchronous Step-down Converter
Evaluation Board
EV2312-Q-00A Rev.1.0
www.MonolithicPower.com
1
4/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2312-Q-00A is an evaluation board for
the MP2312, a high efficiency monolithic
synchronous step-down converter.
The
Evaluation
Board
can
deliver
2.1A
continuous load current from a 6V to 24V input
with excellent load and line regulation.
Constant-On-Time
(COT)
control
mode
provides fast transient response and eases loop
stabilization.
The Evaluation Board can be turned on or shut
down via a remote ON/OFF input that is
reference to ground. This input is compatible
with popular logic devices.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
VIN
6 – 24
V
Output Voltage
VOUT
5
V
Output Current
IOUT
2.1
A
Switching Frequency
fSW
500
kHz
FEATURES
• Wide 6V to 24V Operating Input Range
• 2.1A Continuous Output Current
• Low RDS(ON) Internal Power MOSFETs
• Proprietary Switching Loss Reduction
Technique
• 1% Reference Voltage
• Internal Soft Start
• Output Discharge
• 500kHz Switching Frequency
• OCP, OVP, UVP Protection and Thermal
Shutdown
• Available in a QFN3x3 package
APPLICATIONS
• Laptop Computer
• Tablet PC
• Networking Systems
• Personal Video Recorders
• Flat Panel Television and Monitors
• Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV2312-Q-00A EVALUATION BOARD
(L × W × H) 8.55cm × 8.55cm × 1.6cm
Board Number
MPS IC Number
EV2312-Q-00A
MP2312GQ
50
60
70
80
90
100
0.01
0.1
1
10


Número de pieza similar - MP2312GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP2312GQ MPS-MP2312GQ Datasheet
665Kb / 20P
24V, 2.1A High Efficiency Synchronous Step-down Converter
More results

Descripción similar - MP2312GQ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
EV2313-J-00A MPS-EV2313-J-00A Datasheet
324Kb / 6P
High Efficiency,24V,1A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV2318-J-00A MPS-EV2318-J-00A Datasheet
236Kb / 6P
High Efficiency,24V,2A,2MHz,Synchronous Step-Down Converter Evaluation Board
EV4420H-J-00A MPS-EV4420H-J-00A Datasheet
442Kb / 8P
2A, 36V, Synchronous Step Down Converter Evaluation Board
EV4420H-J-01A MPS-EV4420H-J-01A Datasheet
450Kb / 8P
2A, 36V, Synchronous Step Down Converter Evaluation Board
EV4423A-Q-00A MPS-EV4423A-Q-00A Datasheet
502Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
EV4423H-Q-00A MPS-EV4423H-Q-00A Datasheet
488Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
EV4423-Q-00A MPS-EV4423-Q-00A Datasheet
516Kb / 8P
3A, 36V, Synchronous Step Down Converter Evaluation Board
EV4569-Q-00A MPS-EV4569-Q-00A Datasheet
476Kb / 6P
75V, 0.3A Synchronous Step-Down Converter Evaluation Board
EV8765-Q-00A MPS-EV8765-Q-00A Datasheet
663Kb / 9P
24V, High Current Synchronous Step-down Converter Evaluation Board
EVQ4568-Q-00A MPS-EVQ4568-Q-00A Datasheet
465Kb / 5P
60V, 100mA Synchronous Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com