Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FHNFSBRYN Datasheet(PDF) 3 Page - CIT Relay & Switch

No. de pieza FHNFSBRYN
Descripción Electrónicos  Illuminated Pushbutton - 12mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIT [CIT Relay & Switch]
Página de inicio  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

FHNFSBRYN Datasheet(HTML) 3 Page - CIT Relay & Switch

  FHNFSBRYN Datasheet HTML 1Page - CIT Relay & Switch FHNFSBRYN Datasheet HTML 2Page - CIT Relay & Switch FHNFSBRYN Datasheet HTML 3Page - CIT Relay & Switch FHNFSBRYN Datasheet HTML 4Page - CIT Relay & Switch FHNFSBRYN Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
page 3
Illuminated Pushbutton - 12mm
FH
Dimensions - Momentary
M12x0.75
14.00
[.55]
16.00
[.63]
13.93
[.55]
1.48
[.06]
18.11
[.71]
6.50 MAX
[.26]
1.94 TYP
[.08]
M12x0.75
14.00
[.55]
16.00
[.63]
13.93
[.55]
1.48
[.06]
6.50 MAX
[.26]
18.11
[.71]
19.09
[.75]
Ø9.25
[.36]
ILLUMINATED RING
1.94 TYP
[ 08]
Ø7.30
[.29]
M12x0.75
16.00
[.63]
14.00
[.55]
Ø3.41
[.13]
ILLUMINATED DOT
13.93
[.55]
1.48
[.06]
18.11
[.71]
19.09
[.75]
6.50 MAX
[.26]
1.94 TYP
[ 08]
AB
C
M12x0.75
14.00
[.55]
6.50 MAX
[.26]
13.93
[.55]
Ø8.85
[.35]
1.48
[.06]
1.45
[.06]
18.11
[.71]
16.00
[.63]
1.94 TYP
[.08]
M12x0.75
Ø9.25
[.36]
ILLUMINATED RING
Ø7.30
[.29]
13.93
[.55]
1.48
[.06]
1.45
[.06]
18.11
[.71]
6.50 MAX
[.26]
19.09
[.75]
14.00
[.55]
16.00
[.63]
194 TYP
M12x0.75
Ø9.00
[.35]
Ø3.41
[.13]
ILLUMINATED DOT
13.93
[.55]
1.45
[.06]
1.48
[.06]
19.09
[.75]
18.11
[.71]
6.50 MAX
[.26]
14.00
[.55]
16.00
[.63]
1.94 TYP
DE
F



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com