| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FHLFSBOYN Datasheet(PDF) 5 Page - CIT Relay & Switch |
|
|
|||||||||||||||||||||||||||||
FHLFSBOYN Datasheet(HTML) 5 Page - CIT Relay & Switch |
|
5 / 5 page ![]() www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 Specifications and availability subject to change without notice. Dimensions shown in mm. Dimensions are shown for reference purposes only. Panel Cut-Out Illuminated Pushbutton - 12mm FH page 5 Schematics - + LED 1 - + LED 1 LED 2 No LED Single Color LED Dual Color LED LED Characteristics Ø12.00 [.47] LED Ratings Color R Y G B O W Units Reverse Voltage VR 555555 V Forward Curent (avg) IF 25 25 30 30 25 30 mA Forward Current (peak) IFS 120 120 160 160 120 160 mA Reverse Current VR = 5V IR 10 10 10 10 10 10 μA Power Dissipation PT 80 80 120 120 80 120 mW Operating & Storage Temperature TA -40 ~ +85 Cº Forward Voltage (typ) IF = 20mA VF 2.1 2.1 3.3 3.3 2.0 3.0 V Forward Voltage (max) IF = 20mA VF 2.4 2.5 3.6 3.6 2.3 3.6 V Wavelength at Peak Emmission IF = 20mA λP 635 592 516 463 606 n/a nm Spectral Line Half-Width IF = 20mA ∆λ 14 12 28 20 12 n/a nm Luminous Intensity, IF = 20mA LI 120 120 170 100 120 700 mcd Viewing Angle Θ 145 145 145 145 145 145 deg |