Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FA11902 Datasheet(PDF) 5 Page - Ledil, Inc.

No. de pieza FA11902
Descripción Electrónicos  ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11902 Datasheet(HTML) 5 Page - Ledil, Inc.

  FA11902_18 Datasheet HTML 1Page - Ledil, Inc. FA11902_18 Datasheet HTML 2Page - Ledil, Inc. FA11902_18 Datasheet HTML 3Page - Ledil, Inc. FA11902_18 Datasheet HTML 4Page - Ledil, Inc. FA11902_18 Datasheet HTML 5Page - Ledil, Inc. FA11902_18 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PRODUCT
DATASHEET
FA11902_TINA3-W
PHOTOMETRIC DATA (SIMULATED):
LED
XD16 2x2 cluster
FWHM
52.0°
Efficiency
90 %
Peak intensity
1.000 cd/lm
Required components:
LED
XHP35 HD
FWHM
38.0°
Efficiency
90 %
Peak intensity
1.200 cd/lm
Required components:
LED
XM-L HVW
FWHM
50.0°
Efficiency
%
Peak intensity
cd/lm
Required components:
LED
Oslon SSL 80
FWHM
20.0°
Efficiency
%
Peak intensity
cd/lm
Required components:
Last update: 15/05/2018
Subject to change without prior notice
5/6
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com