Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SS56L Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

No. de pieza SS56L
Descripción Electrónicos  5.0 AMP SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Página de inicio  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

SS56L Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  SS56L Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. SS56L Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
VOLTAGE RANGE
60 Volts
CURRENT
5.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
NOTES:
PAGE:1/2
TYPE NUMBER
SS56L
UNITS
Maximum Recurrent Peak Reverse Voltage
60
V
Maximum RMS Voltage
42
V
Maximum DC Blocking Voltage
60
V
Maximum Average Forward Rectified Current
See Fig. 1
5.0
A
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
120
A
Maximum Instantaneous Forward Voltage at 5.0A
0.55
V
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
0.15
30
mA
mA
Typical Junction Capacitance (Note1)
370
pF
C/W
Operating Temperature Range TJ
-55
+150
C
Storage Temperature Range TSTG
-55
+150
C
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
.051(1.3)
Dimensions in inches and (millimeters)
.146(3.7)
.130(3.3)
.193(4.9)
.009(0.23)
.007(0.18)
.106(2.7)
.094(2.4)
.173(4.4)
.039(1.0)
.063(1.6)
.051(1.3)
.051(1.30)
.043(1.10)
SMAF
SS56L
100
Typical Thermal Resistance R JL (Note 2)
28


Número de pieza similar - SS56L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Luguang Electr...
SS56L LUGUANG-SS56L Datasheet
167Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SS56L JUXING-SS56L Datasheet
1Mb / 2P
Surface Mount Low VF Schottky Rectifiers
logo
Chongqing Pingwei Enter...
SS56L CHONGQING-SS56L Datasheet
177Kb / 1P
5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS56L DGNJDZ-SS56L Datasheet
305Kb / 2P
5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
SS56L DGNJDZ-SS56L Datasheet
305Kb / 2P
5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
More results

Descripción similar - SS56L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SDR560S SECOS-SDR560S Datasheet
405Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SR5150L BYTESONIC-SR5150L Datasheet
353Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2019/3/08
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com