Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ISL21007 Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza ISL21007
Descripción Electrónicos  Precision, Low Noise FGA Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL21007 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL21007 Datasheet HTML 1Page - Renesas Technology Corp ISL21007 Datasheet HTML 2Page - Renesas Technology Corp ISL21007 Datasheet HTML 3Page - Renesas Technology Corp ISL21007 Datasheet HTML 4Page - Renesas Technology Corp ISL21007 Datasheet HTML 5Page - Renesas Technology Corp ISL21007 Datasheet HTML 6Page - Renesas Technology Corp ISL21007 Datasheet HTML 7Page - Renesas Technology Corp ISL21007 Datasheet HTML 8Page - Renesas Technology Corp ISL21007 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ISL21007
FN6326 Rev.12.00
Page 2 of 20
Jun 9, 2017
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
VOUT OPTION
(V)
GRADE
TEMP. RANGE
(°C)
PACKAGE
(RoHS COMPLIANT) PKG. DWG. #
ISL21007CFB812Z
21007CF Z12
1.250
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB812Z
21007DF Z12
1.250
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB820Z
21007CF Z20
2.048
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB820Z (Obsolete
recommended replacement
ISL21007CFB820Z)
21007DF Z20
2.048
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB825Z
21007CF Z25
2.500
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB825Z
21007DF Z25
2.500
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007CFB830Z (Obsolete,
recommended replacement
ISL21007CFB825Z-TK)
21007CF Z30
3.000
±1.0mV, 5ppm/°C
-40 to +125
8 Ld SOIC
M8.15
ISL21007DFB830Z (Obsolete,
recommended replacement
ISL21007CFB825Z-TK)
21007DF Z30
3.000
±2.0mV, 10ppm/°C
-40 to +125
8 Ld SOIC
M8.15
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. Add “-TK” suffix for 1k unit tape and reel option. Refer to TB347 for details on reel specifications.
3. For Moisture Sensitivity Level (MSL), see device information pages for ISL21007CFB812, ISL21007CFB820, ISL21007CFB825, ISL21007CFB830,
ISL21007DFB812, ISL21007DFB820, ISL21007DFB825, ISL21007DFB830. For more information on MSL, see techbrief TB363.
Pin Configuration
ISL21007
(8 LD SOIC)
TOP VIEW
GND or NC
VIN
DNC
GND
1
2
3
4
8
7
6
5
DNC
DNC
VOUT
TRIM
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
GND or NC
Ground or No Connection
2
VIN
Power Supply Input Connection
4GND
Ground
5
TRIM
Allows User Trim VOUT ±2.5%
6
VOUT
Voltage Reference Output Connection
3, 7, 8
DNC
Do Not Connect; Internal Connection - Must Be Left Floating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com