| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS5484 Datasheet(PDF) 45 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5484 Datasheet(HTML) 45 Page - Cirrus Logic |
|
45 / 67 page ![]() CS5484 DS981F3 45 6.6.13 Interrupt Mask (Mask) – Page 0, Address 3 Default = 0x00 0000 The Mask register is used to control the activation of the INT pin. Writing a '1' to a Mask register bit will allow the corresponding Status0 register bit to activate the INT pin when set. [23:0] Enable/disable (mask) interrupts. 0 = Interrupt disabled (Default) 1 = Interrupt enabled 6.6.14 Chip Status 1 (Status1) – Page 0, Address 24 Default = 0x80 1800 This register indicates a variety of conditions within the chip. [23:16] Reserved. LCOM[7:0] Indicates the value of the last serial command executed. V2OD (V1OD) Modulator oscillation has been detected in the voltage2 (voltage1) ADC. I2OD (I1OD) Modulator oscillation has been detected in the current2 (current1) ADC. 23 22 21 20 19 18 17 16 DRDY CRDY WOF - - MIPS V2SWELL V1SWELL 15 14 13 12 11 10 9 8 P2OR P1OR I2OR I1OR V2OR V1OR I2OC I1OC 7 654 3 2 1 0 V2SAG V1SAG TUP FUP IC RX_CSUM_ERR - RX_TO 23 22 21 20 19 18 17 16 -- -- -- -- 15 14 13 12 11 10 9 8 LCOM[7] LCOM[6] LCOM[5] LCOM[4] LCOM[3] LCOM[2] LCOM[1] LCOM[0] 7 654 32 10 - - - - V2OD V1OD I2OD I1OD |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |