Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

F14619 Datasheet(PDF) 3 Page - Ledil, Inc.

No. de pieza F14619
Descripción Electrónicos  ~10째 spot beam. Clean appearance with no additional attachment interface.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14619 Datasheet(HTML) 3 Page - Ledil, Inc.

  F14619 Datasheet HTML 1Page - Ledil, Inc. F14619 Datasheet HTML 2Page - Ledil, Inc. F14619 Datasheet HTML 3Page - Ledil, Inc. F14619 Datasheet HTML 4Page - Ledil, Inc. F14619 Datasheet HTML 5Page - Ledil, Inc. F14619 Datasheet HTML 6Page - Ledil, Inc. F14619 Datasheet HTML 7Page - Ledil, Inc. F14619 Datasheet HTML 8Page - Ledil, Inc. F14619 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PRODUCT
DATASHEET
F14619_ANGELETTE-S-PLAIN
PHOTOMETRIC DATA (MEASURED):
LED
V13 Gen7
FWHM
15.0°
Efficiency
87 %
Peak intensity
4.500 cd/lm
Required components:
F13671_ANGE-RZ-LENS
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LED
V13 Gen7
FWHM
13.0°
Efficiency
91 %
Peak intensity
6.400 cd/lm
Required components:
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
LED
V22 Gen6
FWHM
21.0°
Efficiency
85 %
Peak intensity
2.800 cd/lm
Required components:
F13671_ANGE-RZ-LENS
IDEAL: 50-2204-CT + 50-2100AN
LED
V22 Gen6
FWHM
19.0°
Efficiency
90 %
Peak intensity
3.500 cd/lm
Required components:
IDEAL: 50-2204-CT + 50-2100AN
Last update: 21/05/2018
Subject to change without prior notice
Published: 02/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com