Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

1068379 Datasheet(PDF) 2 Page - SICK AG

No. de pieza 1068379
Descripción Electrónicos  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SICK [SICK AG]
Página de inicio  http://www.sick.com/
Logo SICK - SICK AG

1068379 Datasheet(HTML) 2 Page - SICK AG

  1068379 Datasheet HTML 1Page - SICK AG 1068379 Datasheet HTML 2Page - SICK AG 1068379 Datasheet HTML 3Page - SICK AG 1068379 Datasheet HTML 4Page - SICK AG 1068379 Datasheet HTML 5Page - SICK AG 1068379 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IQ12-06NPSKT0SS02 | IQB
INDUCTIVE PROXIMITY SENSORS
Ordering information
Type
Part no.
IQ12-06NPSKT0SS02
1068379
Other models and accessories
www.sick.com/IQB
Detailed technical data
Features
Housing
Rectangular
Dimensions (W x H x D)
12 mm x 40 mm x 26 mm
Sensing range Sn
6 mm
Safe sensing range Sa
4.86 mm
Installation type
Non-flush
Switching frequency
2,000 Hz
Connection type
Connector M8, 3-pin
Switching output
PNP
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP68 1)
1) According to EN 60529.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC
Ripple
≤ 10 % 1)
Voltage drop
≤ 3 V 2)
Current consumption
≤ 20 mA 3)
Time delay before availability
≤ 100 ms
Hysteresis
5 % ... 15 %
Reproducibility
≤ 2 % 4)
Temperature drift (of Sr)
± 10 %
1) Of VS.
2) At Ia max.
3) Without load.
4) Ub and Ta constant.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-05-29 10:53:27
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com