| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
GDZ11LP3 Datasheet(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
GDZ11LP3 Datasheet(HTML) 2 Page - Diodes Incorporated |
|
2 / 5 page ![]() GDZ2V7LP3 - GDZ24LP3 Document number: DS35065 Rev. 18 – 2 2 of 5 www.diodes.com September 2017 © Diodes Incorporated GDZ2V7LP3 - GDZ24LP3 Thermal Characteristics Characteristic Symbol Value Unit Power Dissipation (Note 5) TA = +25°C PD 250 mW Thermal Resistance, Junction to Ambient Air (Note 5) TA = +25°C RθJA 500 C/W Operating and Storage Temperature Range TJ, TSTG -55 to +150 C Electrical Characteristics (@TA = +25°C, unless otherwise specified.) Type Number Marking Code Zener Voltage Range (Note 6) Reverse Current (Note 6) VZ @ IZT IZT IR @ VR Nom (V) Min (V) Max (V) mA Typical (µA) Max (µA) V GDZ2V7LP3 JB 2.7 2.57 2.84 5 - 20 1.0 GDZ3V0LP3 JC 3.0 2.85 3.15 5 - 10 1.0 GDZ3V3LP3 JD 3.3 3.14 3.47 5 - 10 1.0 GDZ3V6LP3 KU 3.6 3.41 3.79 5 - 10 1.0 GDZ3V9LP3 KJ 3.9 3.740 4.160 5 - 5 1.0 GDZ4V1LP3 KY 4.1 3.93 4.37 5 - 5.0 1.0 GDZ4V3LP3 KK 4.3 4.08 4.53 5 - 5.0 1.0 GDZ4V7LP3 KL 4.7 4.420 4.900 5 - 2.0 1.0 GDZ5V1LP3 KM 5.1 4.840 5.370 5 - 0.2 2.0 GDZ5V6LP3 KN 5.6 5.310 5.920 5 - 90 1.0 175 2.5 4.75 GDZ6V0LP3 KW 6.0 5.676 6.324 5 - 1.0 2.8 GDZ6V2LP3 KO 6.2 5.860 6.530 5 - 1.0 3.0 GDZ6V8LP3 KT 6.8 6.470 7.140 5 - 0.5 3.5 GDZ7V5LP3 KQ 7.5 7.060 7.840 5 - 0.5 4.0 GDZ8V2LP3 KX 8.2 7.760 8.640 5 - 0.5 5.0 GDZ9V1LP3 JE 9.1 8.65 9.56 5 - 0.5 6.0 GDZ10LP3 JF 10 9.50 10.50 5 - 0.2 7.0 GDZ11LP3 JG 11 10.45 11.55 5 - 0.1 8.0 GDZ12LP3 JH 12 11.40 12.60 5 - 0.1 8.0 GDZ13LP3 JI 13 12.35 13.65 5 - 0.1 8.0 GDZ15LP3 JJ 15 14.25 15.75 5 - 0.1 10.5 GDZ16LP3 JK 16 15.20 16.80 5 - 0.1 11.2 GDZ18LP3 JL 18 17.10 18.90 5 - 0.1 12.6 GDZ20LP3 JM 20 19.00 21.00 5 - 0.1 14.0 GDZ22LP3 JN 22 20.90 23.10 5 - 0.1 15.4 GDZ24LP3 JO 24 22.80 25.20 5 - 0.1 16.8 Notes: 5. Device mounted on FR-4 PCB with minimum recommended pad layout, as shown in Diodes Incorporated’s Suggested Pad Layout document, which can be found on our website at http://www.diodes.com. 6. Short duration pulse test used to minimize self-heating effect. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |