Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CP12938 Datasheet(PDF) 3 Page - Ledil, Inc.

No. de pieza CP12938
Descripción Electrónicos  ~19째 spot beam. Clip fastening for 0.8 mm thick PCB.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP12938 Datasheet(HTML) 3 Page - Ledil, Inc.

  CP12938 Datasheet HTML 1Page - Ledil, Inc. CP12938 Datasheet HTML 2Page - Ledil, Inc. CP12938 Datasheet HTML 3Page - Ledil, Inc. CP12938 Datasheet HTML 4Page - Ledil, Inc. CP12938 Datasheet HTML 5Page - Ledil, Inc. CP12938 Datasheet HTML 6Page - Ledil, Inc. CP12938 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRODUCT
DATASHEET
CP12938_LARISA-RS-CLIP8
PHOTOMETRIC DATA (MEASURED):
LED
XQ-E
FWHM
16.0°
Efficiency
86 %
Peak intensity
6.900 cd/lm
Required components:
LED
XQ-E HI
FWHM
12.0°
Efficiency
87 %
Peak intensity
12.000 cd/lm
Required components:
LED
LUXEON A
FWHM
26.0°
Efficiency
89 %
Peak intensity
3.200 cd/lm
Required components:
LED
LUXEON Rebel
FWHM
20.0°
Efficiency
90 %
Peak intensity
4.620 cd/lm
Required components:
Last update: 15/05/2018
Subject to change without prior notice
3/7
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com