Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CA11136 Datasheet(PDF) 1 Page - Ledil, Inc.

No. de pieza CA11136
Descripción Electrónicos  ~40째 wide beam optimized for Osram Golden Dragon . 13.9 mm high assembly with installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LEDIL [Ledil, Inc.]
Página de inicio  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA11136 Datasheet(HTML) 1 Page - Ledil, Inc.

  CA11136_18 Datasheet HTML 1Page - Ledil, Inc. CA11136_18 Datasheet HTML 2Page - Ledil, Inc. CA11136_18 Datasheet HTML 3Page - Ledil, Inc. CA11136_18 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA11136_LO2-W
LO2-W
~40° wide beam optimized for Osram Golden
Dragon
.
13.9
mm
high
assembly
with
installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
13.9 mm
Fastening
tape
Colour
black
Box size
480 x 280 x 300 mm
Box weight
13.4 kg
Quantity in Box
2880 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LO2-W
Lens
PMMA
clear
LO3-LH1-TAPE
Holder
PC
black
LEILA-TAPE
Tape
PU tape 0,2mm
black
Last update: 16/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Número de pieza similar - CA11136_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
CA11136 LEDIL-CA11136 Datasheet
255Kb / 4P
Leila Assembly
More results

Descripción similar - CA11136_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ledil, Inc.
CA12081 LEDIL-CA12081_18 Datasheet
1Mb / 4P
~80째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10886 LEDIL-FA10886_18 Datasheet
3Mb / 4P
~13째 spot beam optimized for Osram Golden Dragon . Assembly with holder and installation tape.
FA10342 LEDIL-FA10342_18 Datasheet
3Mb / 4P
~50째 wide beam optimized for Osram Golden Dragon . Assembly with white holder.
FA10750 LEDIL-FA10750_18 Datasheet
3Mb / 4P
~25째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA10751 LEDIL-FA10751_18 Datasheet
3Mb / 4P
~9.6째 spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA10753 LEDIL-FA10753_18 Datasheet
3Mb / 4P
~14째 diffused spot beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA11135 LEDIL-FA11135_18 Datasheet
1Mb / 4P
~10째 x 40째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly
FA11453 LEDIL-FA11453_18 Datasheet
3Mb / 4P
~30째 medium beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FA11834 LEDIL-FA11834_18 Datasheet
1Mb / 4P
~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly with installation tape.
FCN11260 LEDIL-FCN11260_18 Datasheet
1Mb / 4P
~40째 x 10째 oval beam optimized for Osram Golden Dragon . 14.6 mm high assembly.
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com