| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HCS365 Datasheet(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS365 Datasheet(HTML) 32 Page - Microchip Technology |
|
32 / 34 page ![]() HCS365 DS41109D-page 32 Preliminary © 2002 Microchip Technology Inc. 11.0 HCS365 PRODUCT IDENTIFICATION SYSTEM . To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. * JW Devices are UV erasable and can be programmed to any device configuration. JW Devices meet the electrical requirement of each oscillator type. Sales and Support PART NO. X /XX XXX Pattern Package Temperature Range Device Device HCS365: Code Hopping Encoder HCS365T: Code Hopping Encoder (Tape and Reel - SM only) Temperature Range - = 0×C to +70×C I = -40×C to +85×C Package P = Plastice DIP (300 mil body), 8-lead SM = Plastic SOIC (208 mil body), 8-lead Pattern Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom- mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. Your local Microchip sales office 2. The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 3. The Microchip Worldwide Site (www.microchip.com) Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |