| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
A7PS Datasheet(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A7PS Datasheet(HTML) 4 Page - Omron Electronics LLC |
|
4 / 5 page ![]() A7PS/A7PH 4 Ordering Procedure Place orders as shown in the example below, specifying the model and number. Safety Precautions Refer to Precautions for Correct Use on in the Technical Guide for Thumbwheel Switches. Handling • The molded components of the Switch use polyacetal resin and ABS resin. It is recommended that alcohol is used to wipe off dirt and smudges from the molded components. Take care to prevent the alcohol from getting inside. • A7P Thumbwheel Switches are dust-proof, but they are not drip- proof. Do not use them in areas subject to water or oil exposure. • Do not allow solder flux or alcohol to enter the Switch. • Do not push the (+) and (-) operating push-buttons at the same time. • To separate the Switches, use a flat-blade screwdriver as shown in the following figure to release the hooks on the top and bottom and then separate the Switches. Be careful not to bend the hooks. Output code number Terminals Output codes 54 55 1. A7P-M (End Caps): 1 set 2. A7PS-203 (Switch Unit): 1 piece 3. A7PS-206 (Switch Unit): 1 piece 4. A7P-PA (Spacer): 1 piece 5. A7PS-207 (Switch Unit): 1 piece 6. A7PS-219 (Switch Unit): 1 piece Note: Standard products are not factory-assembled for shipment. Contact your OMRON representative for details on ordering factory-assembled sets. 7. NRT-C (Connector): 4 pieces Precautions for Correct Use Ten, 1.1-dia. holes Note: 1. The solid dot l indicates that the internal switch is ON (i.e., connected to the common terminal). Model Switch Unit or Connector Common ter- minal number Terminals connected to common Switch Unit C 1248 54 Connec- tor 3 579 11 55 Connec- tor 1 Dial 0 1 ● 2 ● 3 ●● 4 ● 5 ●● 6 ●● 7 ●●● 8 ● 9 ●● A ●● B ●● ● C ●● D ●● ● E ●●● F ●●●● Twenty -three, 1.1-dia. holes Component-adding provision 7 6 1 5 4 3 2 1 |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |