Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SGM812-RXKA4/TR Datasheet(PDF) 10 Page - SG Micro Corp

No. de pieza SGM812-RXKA4/TR
Descripción Electrónicos  Microprocessor Supervisory with Manual Reset Input
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SGMICRO [SG Micro Corp]
Página de inicio  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SGM812-RXKA4/TR Datasheet(HTML) 10 Page - SG Micro Corp

Back Button SGM812-RXKA4/TR Datasheet HTML 4Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 5Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 6Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 7Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 8Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 9Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 10Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 11Page - SG Micro Corp SGM812-RXKA4/TR Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Microprocessor Supervisory
with Manual Reset Input
SGM811/812
PACKAGE OUTLINE DIMENSIONS
SOT-143
e
b
b1
d
D
e1
E1
E
A
A2
A1
L
θ
0.250
c
L1
RECOMMENDED LAND PATTERN (Unit: mm)
0.95
1.90
0.55
1.0
0.20
2.2
0.95
Symbol
Dimensions
In Millimeters
Dimensions
In Inches
MIN
MAX
MIN
MAX
A
0.900
1.150
0.035
0.045
A1
0.000
0.100
0.000
0.004
A2
0.900
1.050
0.035
0.041
b
0.300
0.500
0.012
0.020
b1
0.750
0.900
0.030
0.035
c
0.080
0.150
0.003
0.006
D
2.800
3.000
0.110
0.118
d
0.200 TYP
0.008 TYP
E
1.200
1.400
0.047
0.055
E1
2.250
2.550
0.089
0.100
e
0.95 TYP
0.037 TYP
e1
1.800
2.000
0.071
0.079
L
0.55 REF
0.022 REF
L1
0.300
0.500
0.012
0.020
θ
0°
8°
0°
8°
10
SG Micro Corp
www.sg-micro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com