Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

EM6580WS11 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

No. de pieza EM6580WS11
Descripción Electrónicos  Ultra Low Power 8-pin Flash Microcontroller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EMMICRO [EM Microelectronic - MARIN SA]
Página de inicio  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6580WS11 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM6580WS11 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6580WS11 Datasheet HTML 17Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
R
EM6580
Copyright © 2007, EM Microelectronic-Marin SA
03/07, rev. J
13
www.emmicroelectronic.com
Table 5.3.2 Control of Prescaler Register RegPresc
Bit
Name
Reset
R/W
Description
3
ExtCPUclkON
p
R/W
Ext. Clock selection instead of RC oscillator for CPUClk.
2
ResPresc
0
R/W
Write Reset prescaler
1
Reset the divider chain from Ck[14] to Ck[2], sets Ck[1].
0
No action.
The Read value is always '0'
1
PrIntSel
0
R/W
Prescaler Interrupt select. 0
Interrupt from Ck[4] (typ. 8/12 Hz)
1
Interrupt from Ck[7] (typ. 64/97 Hz)
0
DebSel
0
R/W
Debouncer clock select. 0
Debouncer with Ck[8]
1
Debouncer with Ck[11] or Ck[14]
p* reset to ‘0’ by POR only.
With DebSel = 1 one may choose either the Ck[11] or Ck[14] debouncer frequency by selecting the
corresponding register mask option.(Refer to RegMFP1 table chapter 14.8) Relative to 32kHz the
corresponding max. debouncer times are then 2 ms or 0.25 ms. For the register option selection refer to
chapter 14.8
Switching the PrIntSel may generate an interrupt request. Avoid it with MaskIRQ64/8 = 0 selection during the
switching operation.
The prescaler contains 2 interrupt sources:
- IRQ64/8 ; this is Ck[7] or Ck[4] positive edge interrupt, the selection is depending on bit PrIntSel.
- IRQHz1 ; this is Ck[1] positive edge interrupt
There is no interrupt generation on reset.
The first IRQHz1 Interrupt occurs typically. 1 sec (if SysClk = 32kHz) after reset. (0.65 sec if SysClk is 50kHz).
NOTE: If not written explicitly all timing in peripherals is calculated for 32 kHz System Clock !



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55