Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RIF-0-BPT Datasheet(PDF) 1 Page - PHOENIX CONTACT

No. de pieza RIF-0-BPT
Descripción Electrónicos  RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in connection, for mounting on NS 35/7,5
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-BPT Datasheet(HTML) 1 Page - PHOENIX CONTACT

  RIF-0-BPT Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-BPT Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-BPT Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-BPT Datasheet HTML 4Page - PHOENIX CONTACT RIF-0-BPT Datasheet HTML 5Page - PHOENIX CONTACT RIF-0-BPT Datasheet HTML 6Page - PHOENIX CONTACT RIF-0-BPT Datasheet HTML 7Page - PHOENIX CONTACT RIF-0-BPT Datasheet HTML 8Page - PHOENIX CONTACT RIF-0-BPT Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
https://www.phoenixcontact.com/us/products/2900958
07/15/2016   Page 1 / 11
Relay socket - RIF-0-BPT/21 - 2900958
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
RIF-0... relay base, for miniature power relay with 1 PDT or solid-state relays of the same design, push-in
connection, for mounting on NS 35/7,5
Key Commercial Data
Packing unit
1 STK
Weight per Piece (excluding packing)
22.0 g
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Width
6.2 mm
Height
93 mm
Depth
78 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 85 °C (Depends on application/assembly)
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Input data
Input voltage range
12 V DC ... 24 V DC
Protective circuit
Damping diode
Connection data, input side
Connection name
Input side
Connection method
Push-in connection


Número de pieza similar - RIF-0-BPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
RIF-0-BSC PHOENIX-RIF-0-BSC Datasheet
66Kb / 3P
RIF-0... relay base, for miniature power relay with 1 changeover contact or identical solid-state relays, screw connection, for mounting on NS 35/7,5
More results

Descripción similar - RIF-0-BPT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
PLC-BPT-60DC PHOENIX-PLC-BPT-60DC Datasheet
58Kb / 3P
6.2 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 60 V DC
PLC-BPT-5DC PHOENIX-PLC-BPT-5DC Datasheet
64Kb / 3P
6.2 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 5 V DC
PLC-BPT-48DC PHOENIX-PLC-BPT-48DC Datasheet
58Kb / 3P
6.2 mm PLC basic terminal block with push-in connection, without relay or solid-state relay, for mounting on DIN rail NS 35/7,5, 1 PDT, input voltage 48 V DC
RIF-0-BSC PHOENIX-RIF-0-BSC Datasheet
66Kb / 3P
RIF-0... relay base, for miniature power relay with 1 changeover contact or identical solid-state relays, screw connection, for mounting on NS 35/7,5
RIF-1-BPT PHOENIX-RIF-1-BPT Datasheet
124Kb / 20P
RIF-1... relay base, for miniature power relay with 1 or 2 PDTs or solid-state relays of the same design, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
RIF-1-BSC PHOENIX-RIF-1-BSC Datasheet
63Kb / 3P
RIF-1... relay base, for miniature power relay with 1 or 2 changeover contacts or identical solid-state relays, screw connection, plug-in option for input/interference suppression modules, for mounting on NS 35/7,5
RIF-2-BPT PHOENIX-RIF-2-BPT Datasheet
106Kb / 16P
RIF-2... relay base, for industrial relay with 2 or 4 PDTs, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
RIF-3-BPT PHOENIX-RIF-3-BPT Datasheet
70Kb / 3P
RIF-3... relay base, for octal relay with 2 PDTs, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
RIF-4-BPT PHOENIX-RIF-4-BPT Datasheet
98Kb / 12P
RIF-4... relay base, for high-power relay with 2 or 3 PDTs or 3 N/O contacts, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
2900957 PHOENIX-2900957 Datasheet
66Kb / 3P
relay base, for miniature power relay with 1 changeover contact or identical solid-state relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com