Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RIF-1-BPT Datasheet(PDF) 6 Page - PHOENIX CONTACT

No. de pieza RIF-1-BPT
Descripción Electrónicos  RIF-1... relay base, for miniature power relay with 1 or 2 PDTs or solid-state relays of the same design, push-in connection, plug-in option for input/suppressor modules, for mounting on NS 35/7,5
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-1-BPT Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button RIF-1-BPT Datasheet HTML 2Page - PHOENIX CONTACT RIF-1-BPT Datasheet HTML 3Page - PHOENIX CONTACT RIF-1-BPT Datasheet HTML 4Page - PHOENIX CONTACT RIF-1-BPT Datasheet HTML 5Page - PHOENIX CONTACT RIF-1-BPT Datasheet HTML 6Page - PHOENIX CONTACT RIF-1-BPT Datasheet HTML 7Page - PHOENIX CONTACT RIF-1-BPT Datasheet HTML 8Page - PHOENIX CONTACT RIF-1-BPT Datasheet HTML 9Page - PHOENIX CONTACT RIF-1-BPT Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
https://www.phoenixcontact.com/us/products/2900931
07/15/2016   Page 6 / 20
Relay socket - RIF-1-BPT/2X21 - 2900931
Accessories
Plug-in bridge - FBS 2-6 BU - 3036932
Plug-in bridge, Pitch: 6.2 mm, Number of positions: 2, Color: blue
 
 
Plug-in bridge - FBS 2-6 GY - 3032237
Plug-in bridge, Pitch: 6.2 mm, Number of positions: 2, Color: gray
 
 
Plug-in bridge - FBS 2-8 - 3030284
Plug-in bridge, Pitch: 8.2 mm, Length: 29.6 mm, Width: 14.7 mm, Number of positions: 2, Color: red
 
 
Plug-in bridge - FBS 2-8 BU - 3032567
Plug-in bridge, Pitch: 8.2 mm, Number of positions: 2, Color: blue
 
 
Plug-in bridge - FBS 2-8 GY 7042 - 3032541
Bridge for potential distribution
 
 
Plug-in module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com