Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RIF-0-OSC-24DC Datasheet(PDF) 2 Page - PHOENIX CONTACT

No. de pieza RIF-0-OSC-24DC
Descripción Electrónicos  Pre-assembled solid-state relay module with screw connection, consisting of: relay base with ejector and plugin miniature solid-state relay. Input voltage: 24 V DC. Output: 24 - 253 V AC/0.75 A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

RIF-0-OSC-24DC Datasheet(HTML) 2 Page - PHOENIX CONTACT

  RIF-0-OSC-24DC Datasheet HTML 1Page - PHOENIX CONTACT RIF-0-OSC-24DC Datasheet HTML 2Page - PHOENIX CONTACT RIF-0-OSC-24DC Datasheet HTML 3Page - PHOENIX CONTACT RIF-0-OSC-24DC Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2905656
07/23/2018   Page 2 / 4
Solid-state relay module - RIF-0-OSC-24DC/230AC/1 - 2905656
Technical data
Connection data input side
Conductor cross-section solid (2 conductors with same cross section)
0.5 mm² ... 1.5 mm²
Conductor cross section flexible
0.5 mm² ... 2.5 mm²
0.5 mm² ... 2.5 mm² (Ferrules without plastic sleeve)
0.5 mm² ... 1.5 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 1.5 mm²
0.5 mm² ... 1 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 12 (solid)
20 ... 14 (flexible)
Torque
0.5 Nm ... 0.6 Nm
Connection data output side
Connection name
Contact side
Connection method
Screw connection
Stripping length
7 mm
Conductor cross section solid
0.5 mm² ... 4 mm²
Conductor cross-section solid (2 conductors with same cross section)
0.5 mm² ... 1.5 mm²
Conductor cross section flexible
0.5 mm² ... 2.5 mm²
0.5 mm² ... 2.5 mm² (Ferrules without plastic sleeve)
0.5 mm² ... 1.5 mm² (Ferrule with plastic sleeve)
Conductor cross section flexible (2 conductors with same cross section) 0.5 mm² ... 1.5 mm²
0.5 mm² ... 1 mm² (TWIN ferrule with plastic sleeve)
Conductor cross section AWG
20 ... 12 (solid)
20 ... 14 (flexible)
Torque
0.5 Nm ... 0.6 Nm
General
Operating mode
100% operating factor
Degree of protection
IP20
Mounting position
any
Assembly instructions
In rows with zero spacing
Standards and Regulations
Designation
Air clearances and creepage distances between the power circuits
Standards/regulations
DIN EN 50178
Rated insulation voltage
260 V AC
Rated surge voltage
4 kV
Insulation
Basic insulation
Degree of pollution
2
Overvoltage category
III
Flammability rating according to UL 94
V2
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com