Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

8AF8RLV Datasheet(PDF) 3 Page - International Rectifier

No. de pieza 8AF8RLV
Descripción Electrónicos  PRESSFIT RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

8AF8RLV Datasheet(HTML) 3 Page - International Rectifier

  8AF8RLV Datasheet HTML 1Page - International Rectifier 8AF8RLV Datasheet HTML 2Page - International Rectifier 8AF8RLV Datasheet HTML 3Page - International Rectifier 8AF8RLV Datasheet HTML 4Page - International Rectifier 8AF8RLV Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
8AF Series
3
Bulletin I20262 Rev.A 06/03
www.irf.com
8AF
8
N
LV
1
2
3
1
- Essential part number
2
- Voltage code: Code x 100 = V
RRM (See Voltage Ratings Table)
3
- N = Normal Polarity (cathode to case)
R = Reverse Polarity (anode to case)
4
- PP = Without Lead
LH = Horizontal Lead
LV = Vertical Lead
Available as special product - Contact Factory
4
Device Code
Ordering Information Table
∆R
thJC Conduction
(The following table shows the increment of thermal resistance R
thJC when devices operate at different conduction angles than DC)
Conduction angle
Sinusoidal conduction Rectangular conduction Units
Conditions
180°
0.042
0.026
T
J = TJ max.
120°
0.045
0.043
90°
0.06
0.06
K/W
60°
0.10
0.10
30°
0.15
0.15
OutlineTable
All dimensions in millimeters (inches)
6 (0.24)
22.5 (0.89)
2.4 (0.09)
16.5 (0.65)
0.5 (0.02)
12.5 (0.49)
5 (0.20)
0.9 (0.03)
15.8 (0.62)
R 0.4 (0.02)
7 (0.28)
DIA. 12.77 / 13.27
(0.50) / (0.52)



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com