| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LTC6752ISC6-4 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC6752ISC6-4 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 30 page ![]() LTC6752/LTC6752-1/ LTC6752-2/LTC6752-3/ LTC6752-4 25 6752fc For more information www.linear.com/LTC6752 1.50 – 1.75 (NOTE 4) 2.80 BSC 0.30 – 0.45 TYP 5 PLCS (NOTE 3) DATUM ‘A’ 0.09 – 0.20 (NOTE 3) S5 TSOT-23 0302 PIN ONE 2.90 BSC (NOTE 4) 0.95 BSC 1.90 BSC 0.80 – 0.90 1.00 MAX 0.01 – 0.10 0.20 BSC 0.30 – 0.50 REF NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 3.85 MAX 0.62 MAX 0.95 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.4 MIN 2.62 REF 1.22 REF S5 Package 5-Lead Plastic TSOT-23 (Reference LTC DWG # 05-08-1635) package DescripTion Please refer to http://www.linear.com/product/LTC6752#packaging for the most recent package drawings. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |