| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MMRF2007N Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MMRF2007N Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 17 page ![]() MMRF2007N MMRF2007GN 7 RF Device Data Freescale Semiconductor, Inc. f MHz Zin Zload 820 18.4 -- j13.0 11.3 + j20.0 840 18.8 -- j12.7 11.7 + j21.9 860 19.1 -- j12.9 12.1 + j23.4 880 19.1 -- j13.2 12.5 + j24.5 900 18.7 -- j13.6 12.7 + j25.1 920 18.0 -- j13.9 12.5 + j25.6 940 17.2 -- j14.2 11.8 + j26.0 960 16.1 -- j14.3 10.9 + j26.6 980 14.6 -- j14.3 9.6 + j27.4 Zin = Device input impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. f MHz Zin Zload 330 31.2 -- j21.5 16.2 + j57.8 350 33.6 -- j18.7 24.2 + j59.6 370 35.8 -- j18.8 29.8 + j55.6 390 36.4 -- j19.6 29.0 + j52.8 410 37.0 -- j20.1 27.8 + j54.7 430 37.7 -- j21.7 30.2 + j58.5 450 36.2 -- j24.8 38.8 + j59.1 Zin = Device input impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. f MHz Zin Zload 120 42.7 -- j27.4 47.3 + j80.0 130 40.0 -- j22.5 61.4 + j93.3 140 40.2 -- j16.0 84.0 + j104.2 150 43.8 -- j13.3 114.5 + j107.2 160 47.8 -- j10.0 147.2 + j98.5 170 51.5 -- j10.0 179.4 + j81.3 180 54.9 -- j10.6 215.9 + j53.3 190 58.2 -- j12.9 256.6 -- j7.6 200 59.6 -- j16.9 233.3 -- j109.9 Zin = Device input impedance as measured from gate to ground. Zload = Test circuit impedance as measured from drain to ground. Figure 9. Series Equivalent Input and Load Impedance — Stage 1 Z in Z load Device Under Test Output Matching Network NOTE: Measurement made on a per side basis. |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |