Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ASIMRF234 Datasheet(PDF) 1 Page - Advanced Semiconductor

No. de pieza ASIMRF234
Descripción Electrónicos  NPN SILICON RF POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ASI [Advanced Semiconductor]
Página de inicio  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASIMRF234 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASIMRF234 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 OC
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCES
IC = 200 mA
36
V
BVCEO
IC = 200 mA
18
V
BVEBO
IE = 5.0 mA
4.0
V
ICBO
VCB = 15 V
1.0
mA
hFE
VCE = 5.0 V
IC = 1.0 A
5.0
---
Cob
VCB = 12.5 V
f = 1.0 MHz
100
120
pF
GPE
ηηηη
VCC = 12.5 V
Pout = 25 W
f = 90 MHz
9.5
55
dB
%
NPN SILICON RF POWER TRANSISTOR
MRF234
DESCRIPTION:
The
ASI MRF234 is Designed for
Large-Signal Amplifier Applications to
100 MHz.
FEATURES:
•••• Common Emitter
• Omnigold™ Metalization System
• P
G = 9.5 dB min. at 25 W/ 90 MHz
MAXIMUM RATINGS
IC
4.0 A
VCE
18 V
VCB
36 V
PDISS
70 W @ TC = 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
2.5 °C/W
PACKAGE STYLE .380" 4L STUD
MINIMUM
inches / mm
.004 / 0.10
.370 / 9.40
.320 / 8.13
B
C
D
E
F
G
A
M AXIM UM
.385 / 9.78
.330 / 8.38
.130 / 3.30
.007 / 0.18
inches / mm
H
.090 / 2.29
.100 / 2.54
DIM
.220 / 5.59
.230 / 5.84
.490 / 12.45
.450 / 11.43
I
J
.155 / 3.94
.175 / 4.45
.750 / 19.05
.980 / 24.89
.100 / 2.54
E
F
D
ØC
B
.112x45°
G
H
J
I
A
#8-32 UNC-2A
C
B
E
E


Número de pieza similar - ASIMRF234

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Semiconductor
ASIMRF260 ASI-ASIMRF260 Datasheet
29Kb / 1P
SILICON NPN RF POWER TRANSISTOR
ASIMRF264 ASI-ASIMRF264 Datasheet
30Kb / 1P
SILICON NPN RF POWER TRANSISTOR
REV. A
More results

Descripción similar - ASIMRF234

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com