Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MSMA15Z Datasheet(PDF) 5 Page - Panasonic Semiconductor

No. de pieza MSMA15Z
Descripción Electrónicos  Minas A Series Digital AC Servo Motors & Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA15Z Datasheet(HTML) 5 Page - Panasonic Semiconductor

  MSMA15Z Datasheet HTML 1Page - Panasonic Semiconductor MSMA15Z Datasheet HTML 2Page - Panasonic Semiconductor MSMA15Z Datasheet HTML 3Page - Panasonic Semiconductor MSMA15Z Datasheet HTML 4Page - Panasonic Semiconductor MSMA15Z Datasheet HTML 5Page - Panasonic Semiconductor MSMA15Z Datasheet HTML 6Page - Panasonic Semiconductor MSMA15Z Datasheet HTML 7Page - Panasonic Semiconductor MSMA15Z Datasheet HTML 8Page - Panasonic Semiconductor MSMA15Z Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
Units: mm(in)
e
k
a
r
BL
L
LM
L1
B
KT
LS
R
LW
LK
LW
KH
KH
R
t
u
o
h
t
i
W
0
9
)
3
4
5
.
3
(
5
6
)
9
5
5
.
2
(
7
3
)
7
5
4
.
1
(
5
1
)
1
9
5
.
0
(
8
2
)
2
0
1
.
1
(
7
)
6
7
2
.
0
(
5
2
)
4
8
9
.
0
(
3
1
)
2
1
5
.
0
(
2
1
)
2
7
4
.
0
(
2
)
9
7
0
.
0
(
2
)
9
7
0
.
0
(
8
.
5
)
8
2
2
.
0
(
h
t
i
W
2
2
1
)
3
0
8
.
4
(
7
9
)
9
1
8
.
3
(
9
6
)
7
1
7
.
2
(
Dimensions
MSMA3AZccc - 30W/100V or 200V
Note: Dimensions reflect incremental type motor. For absolute type motor dimensions, refer to the motor
specification.
Drawing not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com