| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UR5517L-SM1-R Datasheet(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UR5517L-SM1-R Datasheet(HTML) 3 Page - Unisonic Technologies |
|
3 / 9 page ![]() UR5517 LINEAR INTEGRATED CIRCUIT UNISONIC TECHNOLOGIES CO., LTD 3 of 9 www.unisonic.com.tw QW-R102-041.H PI N DESCRI PT I ON (N ot e ) PIN No. MSOP-8 HMSOP-8 MSOP-10 HMSOP-10 PIN NAME PIN DESCRIPTION 1 1 1 VDDQSNS VDDQ sense input 2 2 2 VLDOIN Power supply for the VTT & VTTREF output stage 3 VTT Output voltage for connection to termination resistors, equal to VDDQSNS/2 3 3 5 VTTSNS Voltage sense input for the VTT. Connect to plus terminal of the output capacitor 4 4 PGND Power ground output for the VTT output 4 9 8 GND Ground 5 5 6 VTTREF Buffered output that is a reference output, equal to VDDQSNS/2 6 6 7 S3 Active low suspend to RAM mode control pin, VTT is turned off and left Hi-Z 7 7 9 S5 Active low shutdown control pin, both VTT & VTTREF are turned off and discharged to ground 8 8 10 VIN Analog input pin Note:Recommend connecting the Thermal Pad to the GND for the excellent power dissipation. BLOCK DI AGRAM |