Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

551S Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza 551S
Descripción Electrónicos  Low Skew 1 to 4 Clock Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

551S Datasheet(HTML) 3 Page - Integrated Device Technology

  551S Datasheet HTML 1Page - Integrated Device Technology 551S Datasheet HTML 2Page - Integrated Device Technology 551S Datasheet HTML 3Page - Integrated Device Technology 551S Datasheet HTML 4Page - Integrated Device Technology 551S Datasheet HTML 5Page - Integrated Device Technology 551S Datasheet HTML 6Page - Integrated Device Technology 551S Datasheet HTML 7Page - Integrated Device Technology 551S Datasheet HTML 8Page - Integrated Device Technology 551S Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SEPTEMBER 20, 2018
3
LOW SKEW 1 TO 4 CLOCK BUFFER
551S DATASHEET
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 551S. These ratings, which are standard values
for IDT commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended
operating temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
3.465V
All Inputs and Outputs
-0.5 V to
3.465V
Ambient Operating Temperature, Extended
-40 to +105
C
Storage Temperature
-65 to +150
C
Junction Temperature
125
C
Soldering Temperature
260
C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature, extended
-40
+105
C
Power Supply Voltage (measured in respect to GND)
+1.71
+3.465
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com