Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LL4448 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

No. de pieza LL4448
Descripción Electrónicos  500mW Hermetically Sealed Glass Fast Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Página de inicio  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

LL4448 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  LL4448 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. LL4448 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Typical Characteristics
0
100
200
300
400
500
0
25
50
75
100
125
150
175
Tem perature [
℃ ]
f = 1MHz
Ta = 25
0.0
0.5
1.0
1.5
0
5
10
15
20
25
30
VR - Reverse Voltage [V]
Ta=25
110
120
130
140
150
160
1
10
100
IR - Reverse Current [uA]
Ta=25℃
0
10
20
30
40
50
60
10
100
VR - Reverse Voltage [V]
Ta=25
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0.001
0.100
10.000
1000.000
IF - Forw ard Current [mA]
0
200
400
600
800
1000
0.01
0.1
1
10
100
IF - Forw ard Current (m A)
Ta=125℃
Ta=65
Ta=25
Ta= -40℃
Figure 3. Reverse Voltage vs Reverse Current
BV – 1.0uA to 100uA
Figure 4. Reverse Current vs Reverse Voltage
IR – 10V to 100V
Figure 5. Forward Voltage vs Forward Current
VF – 0.001mA to 800mA
Figure 6. Forward Voltage vs Ambient Temperature
VF – 0.01mA to 100mA (-40 to +125 Deg C)
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at
ambient temperature
Figure 2. Total Capacitance
LL4148 LL4448 LL914B
500mW Hermetically Sealed Glass Fast Switching Diodes



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com