Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

FSP220-AXAN2 Datasheet(PDF) 4 Page - Sparkle Power Inc.

No. de pieza FSP220-AXAN2
Descripción Electrónicos  AC-DC POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPI [Sparkle Power Inc.]
Página de inicio  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP220-AXAN2 Datasheet(HTML) 4 Page - Sparkle Power Inc.

  FSP220-AXAN2 Datasheet HTML 1Page - Sparkle Power Inc. FSP220-AXAN2 Datasheet HTML 2Page - Sparkle Power Inc. FSP220-AXAN2 Datasheet HTML 3Page - Sparkle Power Inc. FSP220-AXAN2 Datasheet HTML 4Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SPARKLE POWER INC.
FSP180/220-AxAN2 Series AC-DC POWER SUPPLY
www.sparklepower.com
Tel: 1-408-519-8888/1-626-839-7180
E-Mail: sparkle@sparklepower.com
- 4 -
Optional AC Power Cords
Country
Cable Type
Length
SPI P/N
North America
SVT
1830 mm +/- 50
PCR-B3US-183C
Australia
H05VV-F
1830 mm +/- 50
PCR-B3AU-183B
Brazil
H05VV-F
1830 mm +/- 50
PCR-B3BR-183B
China
RVV 300/500
1830 mm +/- 50
PCR-B3CN-183B
India
H05VV-F
1830 mm +/- 50
PCR-B3OUK-183B
Italy
H05VV-F
1830 mm +/- 50
PCR-B3IT-183B
Japan
VCTF
1830 mm +/- 50
PCR-B3JP-183A
South Africa
H05VV-F
1830 mm +/- 50
PCR-B3SA-183B
Switzerland
H05VV-F
1830 mm +/- 50
PCR-B3SW-183B
Taiwan
VCTF
1830 mm +/- 50
PCR-B3TW-183A
United Kingdom
H05VV-F
1830 mm +/- 50
PCR-B3UK-183B
Note: Contact SPI for further information
v.16051901



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com