| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
IRF7420PBF Datasheet(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF7420PBF Datasheet(HTML) 6 Page - International Rectifier |
|
6 / 9 page ![]() IRF7420PbF 6 www.irf.com Fig 13. Typical On-Resistance Vs. Drain Current Fig 12. Typical On-Resistance Vs. Gate Voltage Fig 14b. Gate Charge Test Circuit Fig 14a. Basic Gate Charge Waveform QG QGS QGD VG Charge D.U.T. VDS ID IG -3mA VGS .3 µF 50K Ω .2 µF 12V Current Regulator Same Type as D.U.T. Current Sampling Resistors 0.0 2.0 4.0 6.0 8.0 -VGS, Gate -to -Source Voltage (V) 0.005 0.010 0.015 0.020 0.025 ID = -11.5A 0.0 10.0 20.0 30.0 40.0 50.0 -ID , Drain Current ( A ) 0 0.02 0.04 0.06 0.08 VGS = -2.5V VGS = -1.8V VGS= -4.5V |