| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STV9937P/AA Datasheet(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9937P/AA Datasheet(HTML) 19 Page - STMicroelectronics |
|
19 / 49 page ![]() 19/49 STV9937 Window Specifications 3.7 Window Display Priority Management The OSD windows are displayed with the following priority: Window 4 (top), 3, 2 and 1 (bottom). This order of priority is shown the example given in Figure 8. Figure 7: Illustration of Window Bordering and Shadowing Effects Figure 8: Example of Window Displays M pixels N scan lines M pixels N scan lines Window Bordering Window Shadowing Window 1 HD VD Window 2 Window 3 Window 4 Screen Axis Origin |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |