| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STV9936P Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV9936P Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 48 page ![]() Window Specifications STV9936P/S 12/48 3 Window Specifications Four different independent windows with separate character displays can be simultaneously displayed on screen. It is possible to have overlapping windows with an automatic control of display priorities: downscale priorities from Window 4 to Window 1. Window 1 is well-adapted for the OSD general menu. The 4 windows, each with its own character display, can be positioned anywhere on the screen. The following characteristics are defined for each window: q Enable Display q Position q Size, adjustable with memory allocation q Background Color q Bordering or Shadowing effects with programmable color, height and width. Figure 5: Example of Window Displays Screen Window 1 Window 2 Window 3 Window 4 Axis HD VD Origin |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |