Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

74LX1G86CTR Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza 74LX1G86CTR
Descripción Electrónicos  SINGLE EXCLUSIVE OR GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G86CTR Datasheet(HTML) 5 Page - STMicroelectronics

  74LX1G86CTR Datasheet HTML 1Page - STMicroelectronics 74LX1G86CTR Datasheet HTML 2Page - STMicroelectronics 74LX1G86CTR Datasheet HTML 3Page - STMicroelectronics 74LX1G86CTR Datasheet HTML 4Page - STMicroelectronics 74LX1G86CTR Datasheet HTML 5Page - STMicroelectronics 74LX1G86CTR Datasheet HTML 6Page - STMicroelectronics 74LX1G86CTR Datasheet HTML 7Page - STMicroelectronics 74LX1G86CTR Datasheet HTML 8Page - STMicroelectronics 74LX1G86CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LX1G86
5/10
TEST CIRCUIT
RT =ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
Symbol
VCC
1.65 to 1.95V
2.3 to 2.7V
2.7 to 5.5V
CL
15/30pF
15/30pF
15/50pF
RL
1M
Ω/1000Ω
1M/500
Ω
1M/500
Ω
VIH
VCC
VCC
VCC
VM
VCC/2
VCC/2
VCC/2
tr =tr
<2.0ns
<2.0ns
<2.5ns



Html Pages

1 2 3 4 5 6 7 8 9 10