Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

20ETF08STRL Datasheet(PDF) 7 Page - International Rectifier

No. de pieza 20ETF08STRL
Descripción Electrónicos  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

20ETF08STRL Datasheet(HTML) 7 Page - International Rectifier

  20ETF08STRL Datasheet HTML 1Page - International Rectifier 20ETF08STRL Datasheet HTML 2Page - International Rectifier 20ETF08STRL Datasheet HTML 3Page - International Rectifier 20ETF08STRL Datasheet HTML 4Page - International Rectifier 20ETF08STRL Datasheet HTML 5Page - International Rectifier 20ETF08STRL Datasheet HTML 6Page - International Rectifier 20ETF08STRL Datasheet HTML 7Page - International Rectifier 20ETF08STRL Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
20ETF..S HV QUIET
IR Series
I2128 rev. A 01/2000
Dimensionsinmillimetersandinches
TR R
F E E D DIRE CT IO N
TR L
F E E D D IRE CT I O N
10 .9 0 (0.4 29)
10 .7 0 (0.4 21)
16 .1 0 (0.6 34)
15 .9 0 (0.6 26)
1. 75 (0 .0 6 9 )
1. 25 (0 .0 4 9 )
1. 85 (0 .0 73)
1. 65 (0 .0 65)
4. 10 (0. 161)
3. 90 (0. 153)
1. 60 (0. 063)
1. 50 (0. 059)
DI A .
1. 60 (0. 063)
1. 50 (0. 059)
DIA .
1 1 .6 0 (0 .4 5 7 )
1 1 .4 0 (0 .4 4 9 )
15 .4 2 (0.6 09)
15 .2 2 (0.6 01)
4. 72 (0 .1 8 6 )
4. 52 (0 .1 7 8 )
2 4 .3 0 (0 .9 5 7 )
2 3 .9 0 (0 .9 4 1 )
0.3 68 (0 . 014 5)
0.3 42 (0 . 013 5)
360 (1 4.173)
DI A . M A X .
26 .4 0 (1 .039 )
24 .4 0 (0 .961 )
13 .5 0 (0 . 532)
12 .8 0 (0 . 504)
DI A .
6 0 (2 .3 6 2 )
DIA . MIN.
SMD- 220 Tap e & Ree l
W h en ordering, indic at e th e part
num ber, part orie ntat ion, and t h e
quant ity . Qu antitie s are in m u lt ip le s
of 800
p iec es p e r reel fo r bo th
T R L and T R R .
Tape & Reel Information
9G3A
20ETF12S
9512
EXAMPLE: THIS IS AN 20ETF12S
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
Marking Information
DATE CODE (YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT CODE
1
+
3
2
BASE
--
(K)
(A)
(A)
(A)
(A)
(K)



Html Pages

1 2 3 4 5 6 7 8