Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD5686R Datasheet(PDF) 14 Page - Analog Devices

No. de pieza AD5686R
Descripción Electrónicos  Quad 16-/14-/12-Bit nanoDAC Reference, SPI Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5686R Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5686R_17 Datasheet HTML 10Page - Analog Devices AD5686R_17 Datasheet HTML 11Page - Analog Devices AD5686R_17 Datasheet HTML 12Page - Analog Devices AD5686R_17 Datasheet HTML 13Page - Analog Devices AD5686R_17 Datasheet HTML 14Page - Analog Devices AD5686R_17 Datasheet HTML 15Page - Analog Devices AD5686R_17 Datasheet HTML 16Page - Analog Devices AD5686R_17 Datasheet HTML 17Page - Analog Devices AD5686R_17 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
AD5686R/AD5685R/AD5684R
Data Sheet
Rev. D | Page 14 of 31
Figure 26. Gain Error and Full-Scale Error vs. Supply
Figure 27. Zero-Code Error and Offset Error vs. Supply
Figure 28. TUE vs. Temperature
Figure 29. TUE vs. Supply, Gain = 1
Figure 30. TUE vs. Code
Figure 31. IDD Histogram with External Reference, 5 V
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
GAIN ERROR
FULL-SCALE ERROR
TA = 25°C
INTERNAL REFERENCE = 2.5V
1.5
–1.5
–1.0
–0.5
0
0.5
1.0
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
ZERO-CODE ERROR
OFFSET ERROR
TA = 25°C
INTERNAL REFERENCE = 2.5V
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
VDD = 5V
INTERNAL REFERENCE = 2.5V
0.10
0.08
0.06
0.04
0.02
0
–0.02
–0.04
–0.06
–0.08
–0.10
2.7
5.2
4.7
4.2
3.7
3.2
SUPPLY VOLTAGE (V)
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
0
–0.01
–0.02
–0.03
–0.04
–0.05
–0.06
–0.07
–0.08
–0.09
–0.10
0
10000
20000
30000
40000
50000
60000 65535
CODE
VDD = 5V
TA = 25°C
INTERNAL REFERENCE = 2.5V
25
20
15
10
5
0
540
560
580
600
620
640
IDD (µA)
VDD = 5V
TA = 25°C
EXTERNAL
REFERENCE = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com