Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD78044H Datasheet(PDF) 71 Page - NEC

No. de pieza UPD78044H
Descripción Electrónicos  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD78044H Datasheet(HTML) 71 Page - NEC

Back Button UPD78044H Datasheet HTML 67Page - NEC UPD78044H Datasheet HTML 68Page - NEC UPD78044H Datasheet HTML 69Page - NEC UPD78044H Datasheet HTML 70Page - NEC UPD78044H Datasheet HTML 71Page - NEC UPD78044H Datasheet HTML 72Page - NEC UPD78044H Datasheet HTML 73Page - NEC UPD78044H Datasheet HTML 74Page - NEC UPD78044H Datasheet HTML 75Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 472 page
background image
71
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.3.2 Immediate addressing
Immediate data in the instruction word is transferred to the program counter (PC) and branched.
This function is carried out when the CALL!addr16 or BR!addr16 or CALLF!addr11 instruction is exe-
cuted.
CALL!addr16 and BR!addr16 instructions can branch to all the memory space.
CALLF!addr11 instruction branches to the area from 0800H to 0FFFH.
Figure 3-16:
Immediate Addressing
(a) In the case of CALL!addr16 and BR!addr16 instructions
(b) In the case of CALLF!addr11 instruction
15
0
PC
87
70
CALL or BR
Low Addr.
High Addr.
15
0
PC
87
70
fa10–8
11 10
00001
64
3
CALLF
fa7–0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More