| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PS2-2VS/42C Datasheet(PDF) 1 Page - Hirose Electric |
|
|
|||||||||||||||||||||||||||||
PS2-2VS/42C Datasheet(HTML) 1 Page - Hirose Electric |
|
1 / 12 page ![]() 1 2017.2 ② High Current Connector PS2 Series and signal contacts together in one unit with dedicated power contacts to handle 100, 200 or 300 Amps. 2. Floating Structure The structure allows up to ±2.5 mm of float in the X and Y directions, which makes mating easier even when the mating position is not clearly visible. 3. Sequential Contact System This series utilizes sequential contacts, the power contacts mate before the signal contacts. This prevents incomplete mating and also prevents hot swapping. 4. Finger Protection Structure For added safety, the plug side (battery side) is designed to prevent shock hazard and provides for more user safety and security. 5. Plug-in Design Its unique plug-in design provides enhanced safety features, reduced production costs related to its installation and the maintenance of high current units. ■Features 1. Power/Signal Hybrid Connector The Hybrid design saves space by combining power Risk of electric shock during cable wiring work Battery installation is completed Battery installation is completed Cable wiring on site is eliminated and risk of accidental touch to electrical lines is reduced. Connector assembly and wiring (Installation) Battery installation is completed Old Battery New Battery Cable wiring on site is eliminated and risk of accidental touch to electrical lines is reduced. Battery module removal Old Battery New Battery Risk of electric shock during cable removal work Risk of electrical shock during battery module installation (Maintenance) |
Número de pieza similar - PS2-2VS/42C |
|
Descripción similar - PS2-2VS/42C |