Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

KBPC1502-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza KBPC1502-C
Descripción Electrónicos  15.0 Amp Glass Passivated Single-Phase Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KBPC1502-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KBPC1502-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KBPC1502-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
KBPC15 Series
Voltage 50V ~ 1000V
15.0 Amp Glass Passivated Single-Phase Bridge Rectifiers
16-Oct-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen-free
FEATURES
Surge Overload Rating
Low Forward Voltage Drop
Mounting Position: Any
Electrically Isolaged Bass
Solderable 0.25" FASTON Terminals
Materials used Carries U/L Recognition
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol KBPC
15005
KBPC
1501
KBPC
1502
KBPC
1504
KBPC
1506
KBPC
1508
KBPC
1510
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
@TC=55°C
IF(AV)
15
A
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method)
IFSM
300
A
Maximum Instantaneous Forward Voltage Drop Per
Element @IF=7.5A
VF
1.2
V
TA=25°C
10
Maximum DC Reverse Current
@Rated DC Blocking Voltage
Per Element
TA=125°C
IR
500
A
Operating and Storage Temperature Range
TJ, TSTG
125, -55~150
°C
Part Number
Type
KBPC15 Series
Lead (Pb)-free
KBPC15 Series-C
Lead (Pb)-free and Halogen-free
KBPC
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
6.20
6.40
F
15.3
17.3
B
0.75
0.85
G
2.3
2.5
C
10.8
11.2
H
28.2
28.8
D
19 TYP.
J
17.1
19.1
E
13.2
15.2


Número de pieza similar - KBPC1502-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
KBPC1502-G COMCHIP-KBPC1502-G Datasheet
83Kb / 3P
Silicon Bridge Rectifiers
logo
Chongqing Pingwei Enter...
KBPC1502-MB152 CHONGQING-KBPC1502-MB152 Datasheet
48Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Descripción similar - KBPC1502-C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G Datasheet
49Kb / 2P
Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_1 Datasheet
224Kb / 2P
Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
logo
UNIOHM CORPORATION
GBJ1501 UNIOHM-GBJ1501 Datasheet
68Kb / 2P
SINGLE PHASE 15.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBJ15A SECOS-GBJ15A Datasheet
186Kb / 2P
15.0 AMP Glass Passivated Bridge Rectifiers
GBU15005 SECOS-GBU15005 Datasheet
190Kb / 2P
15.0 AMP Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS15P01G TSC-TS15P01G_11 Datasheet
139Kb / 2P
Single Phase 15.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
KBJ15005 DGNJDZ-KBJ15005 Datasheet
445Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
GBPC15005W DYELEC-GBPC15005W Datasheet
2Mb / 2P
SINGLE PHASE 15.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Bytesonic Electronics C...
GBJ15005 BYTESONIC-GBJ15005 Datasheet
412Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.3 2018/3/19
KBJ15005 BYTESONIC-KBJ15005 Datasheet
327Kb / 2P
SINGLE PHASE 15.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.3 2018/3/19
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com