| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
40TPS Datasheet(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
40TPS Datasheet(HTML) 6 Page - International Rectifier |
|
6 / 7 page ![]() 6 40TPS.. SAFE IR Series Bulletin I2107 rev. F 03/03 www.irf.com 40TPS12 56 57 035H EXAMPLE: THIS IS A 40TPS12 PART NUMBER LOGO RECTIFIER INTERNATIONAL ASSEMBLY LOT CODE LINE H WEEK 35 YEAR 0 = 2000 DATE CODE WITH ASSEMBLY LOT CODE 5657 ASSEMBLED ON WW 35, 2000 IN THE ASSEMBLY LINE "H" Outline Table Dimensions in millimeters and inches 15.90 (0 .626 ) 15.30 (0 .602 ) 14 .20 (0 .559 ) 14.80 ( 0.583) 3. 70 (0.14 5) 4. 30 (0.17 0) 5.30 ( 0.208) 5. 70 (0 .225) 5.50 ( 0.217) 4. 50 (0 .177) (2 PLCS.) 3.55 (0.13 9) 3. 65 (0.14 4) 2. 20 (0 .087) MAX. 1. 00 (0.039) 1. 40 (0 .05 6) 0.40 (0.21 3) 0.80 ( 0.032) 4.70 ( 0.185) 5. 30 (0.20 9) 1.5 ( 0.059) 2.5 ( 0.098) 2.40 (0 .095) MAX. 10 .86 (0.427) 10.94 ( 0.430) 20 .30 (0 .800 ) 19 .70 (0 .775 ) DIA. 12 3 Marking Information |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |