Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PAM2309CGFADJR Datasheet(PDF) 8 Page - Diodes Incorporated

No. de pieza PAM2309CGFADJR
Descripción Electrónicos  1A STEP-DOWN DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2309CGFADJR Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM2309CGFADJR Datasheet HTML 4Page - Diodes Incorporated PAM2309CGFADJR Datasheet HTML 5Page - Diodes Incorporated PAM2309CGFADJR Datasheet HTML 6Page - Diodes Incorporated PAM2309CGFADJR Datasheet HTML 7Page - Diodes Incorporated PAM2309CGFADJR Datasheet HTML 8Page - Diodes Incorporated PAM2309CGFADJR Datasheet HTML 9Page - Diodes Incorporated PAM2309CGFADJR Datasheet HTML 10Page - Diodes Incorporated PAM2309CGFADJR Datasheet HTML 11Page - Diodes Incorporated PAM2309CGFADJR Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
PAM2309
Document number: DSxxxxx Rev. 2 - 1
8 of 17
www.diodes.com
January 2013
© Diodes Incorporated
PAM2309
A Product Line of
Diodes Incorporated
Typical Performance Characteristics (cont.) (@TA = +25°C, CIN = 10µF, CO = 10µF, L = 4.7µH, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com