Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP1L2Q Datasheet(PDF) 2 Page - NEC

No. de pieza AP1L2Q
Descripción Electrónicos  on-chip resistor NPN silicon epitaxial transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

AP1L2Q Datasheet(HTML) 2 Page - NEC

  AP1L2Q Datasheet HTML 1Page - NEC AP1L2Q Datasheet HTML 2Page - NEC AP1L2Q Datasheet HTML 3Page - NEC AP1L2Q Datasheet HTML 4Page - NEC AP1L2Q Datasheet HTML 5Page - NEC AP1L2Q Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16171EJ1V0DS
2
AP1 SERIES
AP1A4A
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−22 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
200
−
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −0.5 A
100
−
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −0.7 A
50
−
Collector saturation voltage
VCE(sat) **
IC =
−0.3 A, IC = −6 A
−0.28
−0.4
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.3
V
Input resistance
R1
−−
−
Ω
E-to-B resistance
R2
710
13
k
Ω
** PW
≤ 350
µs, duty cycle ≤ 2 %
AP1L2Q
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−22 V, IE = 0
−100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
150
350
−
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −0.5 A
100
300
−
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −0.7 A
50
200
−
Low level output voltage
VOL **
VIN =
−5.0 V, IC = −0.3 A
−0.3
−0.4
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.65
−0.3
V
Input resistance
R1
329
470
611
Ω
E-to-B resistance
R2
3.39
4.7
6.11
k
Ω
** PW
≤ 350
µs, duty cycle ≤ 2 %
AP1A3M
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−22 V, IE = 0
100
nA
DC current gain
hFE1 **
VCE =
−2.0 V, IC = −0.1 A
80
−
DC current gain
hFE2 **
VCE =
−2.0 V, IC = −0.5 A
100
−
DC current gain
hFE3 **
VCE =
−2.0 V, IC = −0.7 A
50
−
Low level output voltage
VOL **
VIN =
−5.0 V, IC = −0.2 A
−0.3
−0.4
V
Low level input voltage
VIL **
VCE =
−5.0 V, IC = −100
µA
−0.3
V
Input resistance
R1
0.7
1.0
1.3
k
Ω
E-to-B resistance
R2
0.7
1.0
1.3
k
Ω
** PW
≤ 350
µs, duty cycle ≤ 2 %



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com