Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AP1F3P Datasheet(PDF) 1 Page - NEC

No. de pieza AP1F3P
Descripción Electrónicos  on-chip resistor NPN silicon epitaxial transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

AP1F3P Datasheet(HTML) 1 Page - NEC

  AP1F3P Datasheet HTML 1Page - NEC AP1F3P Datasheet HTML 2Page - NEC AP1F3P Datasheet HTML 3Page - NEC AP1F3P Datasheet HTML 4Page - NEC AP1F3P Datasheet HTML 5Page - NEC AP1F3P Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1998
©
Document No. D16171EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
COMPOUND TRANSISTOR
AP1 SERIES
on-chip resistor NPN silicon epitaxial transistor
For mid-speed switching
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
FEATURES
•
Current drive available up to 0.7 A
•
On-chip bias resistor
•
Low power consumption during drive
AP1 SERIES LISTS
Products
R1 (K
Ω)R2 (KΩ)
AP1A4A
−
10
AP1L2Q
0.47
4.7
AP1A3M
1.0
1.0
AP1F3P
2.2
10
AP1J3P
3.3
10
AP1L3N
4.7
10
AP1A4M
10
10
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
−25
V
Collector to emitter voltage
VCEO
−25
V
Emitter to base voltage
VEBO
−10
V
Collector current (DC)
IC(DC)
−0.7
A
Collector current (Pulse)
IC(pulse) *
−1.0
A
Base current (DC)
IB(DC)
−0.02
A
Total power dissipation
PT
750
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50 %
Electrode Connection
1. Emitter
EIAJ
: SC-43B
2. Collector JEDEC: TO-92
3. Base
IEC
: PA33


Número de pieza similar - AP1F3P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Copal Electronics
AP1F-2H-Z COPAL-AP1F-2H-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
AP1F-2M-Z COPAL-AP1F-2M-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
AP1F-2S-Z COPAL-AP1F-2S-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
AP1F-6H-Z COPAL-AP1F-6H-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
AP1F-6M-Z COPAL-AP1F-6M-Z Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
More results

Descripción similar - AP1F3P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
AB1A4A NEC-AB1A4A Datasheet
85Kb / 6P
on-chip resistor NPN silicon epitaxial transistor
AN1A3Q NEC-AN1A3Q Datasheet
83Kb / 4P
On-Chip Resistor PNP Silicon Epitaxial Transistor
AN1L3M NEC-AN1L3M Datasheet
83Kb / 4P
on-chip resistor PNP silicon epitaxial transistor
AN1L3N NEC-AN1L3N Datasheet
82Kb / 4P
on-chip resistor PNP silicon epitaxial transistor
AQ1L2N NEC-AQ1L2N Datasheet
104Kb / 6P
on-chip resistor NPN silicon epitaxial transistor
AR1A3M NEC-AR1A3M Datasheet
96Kb / 6P
on-chip resistor PNP silicon epitaxial transistor
BA1A4Z NEC-BA1A4Z Datasheet
75Kb / 4P
on-chip resistor PNP silicon epitaxial transistor
BA1L3M NEC-BA1L3M Datasheet
90Kb / 4P
On-chip resistor NPN Silicon Epitaxial Transistor
BA1L3N NEC-BA1L3N Datasheet
84Kb / 4P
on-chip resistor NPN silicon epitaxial transistor
BA1L4Z NEC-BA1L4Z Datasheet
97Kb / 4P
on-chip resistor NPN silicon epitaxial transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com