| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VL53L1 Datasheet(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL53L1 Datasheet(HTML) 33 Page - STMicroelectronics |
|
33 / 35 page ![]() DocID031281 Rev 3 33/35 VL53L1X Ordering information 35 9 Ordering information 10 Acronyms and abbreviations 11 ECOPACK® In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Note: The ECOPACK® grade for VL53L1X is ECOPACK®2. Table 20. Order codes Sales type Package Packing Minimum order quantity VL53L1CXV0FY/1 Optical LGA12 with liner Tape and reel 3600 pcs Table 21. Acronyms and abbreviations Acronym/abbreviation Definition ESD Electrostatic discharge I2C Inter-integrated circuit (serial bus) NVM Non volatile memory SPAD Single photon avalanche diode FoV Field of view VCSEL Vertical cavity surface emitting laser |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |