Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

OZ9986/ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza OZ9986/
Descripción Electrónicos  Intelligent Lighting Family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

OZ9986/ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OZ9986/ Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 7Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 8Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 9Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 10Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 11Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 12Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 13Page - List of Unclassifed Manufacturers OZ9986/ Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
OZ9979
FEATURES
• High frequency DC/DC boost converter controller
• Integrated power MOSFET, and LED current balance control circuit
• Drives up to 6 strings in parallel
• Supports external, internal PWM and analog dimming
• Enhanced dimming resolution
• Supports 6 equal-delay PWM dimming signals
• PWM dimming frequency synchronized with external signal
• Protection includes: MOSFET over-current, over-voltage, LED short circuit
detection, output short circuit/open diode, and thermal
• Soft start function
GENERAL DESCRIPTION
OZ9979 is a high efficiency, DC/DC controller that drives up to six strings of
LEDs connected in parallel configuration; with multiple LEDs in each string con-
nected in series. It is targeted for notebook backlight applications.
The IC provides six (6) LED current sense inputs in an “OR” configuration for
improved backlight reliability. This allows the backlight to remain functional in
the event that any string (s) is damaged during normal operation.
APPLICATIONS
APPLICATION DIAGRAM
• Notebook Computer
U.S. Patent #’s 7,498,793; 7,847,783; 8,248,439; and more patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com