Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M032EB2AE Datasheet(PDF) 50 Page - Nuvoton Technology Corporation

No. de pieza M032EB2AE
Descripción Electrónicos  Arm짰 Cortex짰-M 32-bit Microcontroller
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NUVOTON [Nuvoton Technology Corporation]
Página de inicio  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M032EB2AE Datasheet(HTML) 50 Page - Nuvoton Technology Corporation

Back Button M032EB2AE Datasheet HTML 46Page - Nuvoton Technology Corporation M032EB2AE Datasheet HTML 47Page - Nuvoton Technology Corporation M032EB2AE Datasheet HTML 48Page - Nuvoton Technology Corporation M032EB2AE Datasheet HTML 49Page - Nuvoton Technology Corporation M032EB2AE Datasheet HTML 50Page - Nuvoton Technology Corporation M032EB2AE Datasheet HTML 51Page - Nuvoton Technology Corporation M032EB2AE Datasheet HTML 52Page - Nuvoton Technology Corporation M032EB2AE Datasheet HTML 53Page - Nuvoton Technology Corporation M032EB2AE Datasheet HTML 54Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 274 page
background image
M031/M032
Feb 25, 2019
Page 50 of 274
Rev. 1.01
20
Pin
28
Pin
32
Pin
48
Pin
64
Pin
Pin Name
Type
MFP
Description
I2C0_SDA
I/O
MFP9
I2C0 data input/output pin.
PWM0_CH1
I/O
MFP13
PWM0 channel 1 output/capture input.
14
20
11
19
19
27
27
PA.3
I/O
MFP0
General purpose digital I/O pin.
SPI0_SS
I/O
MFP4
SPI0 slave select pin.
UART1_TXD
O
MFP8
UART1 data transmitter output pin.
I2C1_SCL
I/O
MFP9
I2C1 clock pin.
PWM0_CH2
I/O
MFP13
PWM0 channel 2 output/capture input.
CLKO
O
MFP14
Clock Out
PWM1_BRAKE1
I
MFP15
PWM1 Brake 1 input pin.
15
21
12
20
20
28
28
PA.2
I/O
MFP0
General purpose digital I/O pin.
SPI0_CLK
I/O
MFP4
SPI0 serial clock pin.
UART1_RXD
I
MFP8
UART1 data receiver input pin.
I2C1_SDA
I/O
MFP9
I2C1 data input/output pin.
PWM0_CH3
I/O
MFP13
PWM0 channel 3 output/capture input.
16
22
13
21
21
29
29
PA.1
I/O
MFP0
General purpose digital I/O pin.
SPI0_MISO
I/O
MFP4
SPI0 MISO (Master In, Slave Out) pin.
UART0_TXD
O
MFP7
UART0 data transmitter output pin.
UART1_nCTS
I
MFP8
UART1 clear to Send input pin.
PWM0_CH4
I/O
MFP13
PWM0 channel 4 output/capture input.
17
23
14
22
22
30
30
PA.0
I/O
MFP0
General purpose digital I/O pin.
SPI0_MOSI
I/O
MFP4
SPI0 MOSI (Master Out, Slave In) pin.
UART0_RXD
I
MFP7
UART0 data receiver input pin.
UART1_nRTS
O
MFP8
UART1 request to Send output pin.
PWM0_CH5
I/O
MFP13
PWM0 channel 5 output/capture input.
15
23
23
31
31
PF.15
I/O
MFP0
General purpose digital I/O pin.
PWM0_BRAKE0
I
MFP11
PWM0 Brake 0 input pin.
PWM0_CH1
I/O
MFP12
PWM0 channel 1 output/capture input.
TM2
I/O
MFP13
Timer2 event counter input/toggle output pin.
CLKO
O
MFP14
Clock Out
INT4
I
MFP15
External interrupt 4 input pin.
18
24
16
24
24
32
32 nRESET
I
MFP0
External reset input: active LOW, with an internal
pull-up. Set this pin low reset to initial state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com