Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE628BA Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PE628BA
Descripción Electrónicos  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PE628BA Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  PE628BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PE628BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PE628BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PE628BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV1.0
3
D-42-1
N-Channel Enhancement Mode
Field Effect Transistor
PE628BA
PDFN 3x3P
Halogen-Free & Lead-Free
NIKO-SEM
25℃
150℃
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
2
4
6
8
10
0
2
4
6
8
10
VDS=15V
ID=7A
CISS
COSS
CRSS
0
50
100
150
200
250
300
350
400
450
500
0
5
10
15
20
25
30
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
VGS=10V
ID=7A
0
6
12
18
24
30
0
1
2
3
4
5
6
VGS=10V
VGS=9V
VGS=8V
VGS=7V
VGS=6V
VGS=5V
VGS=4.5V
VGS=3.5V
VGS=3V
TJ , Junction Temperature(
˚C)
Capacitance Characteristic
VDS, Drain-To-Source Voltage(V)
Gate charge Characteristics
Characteristics
Qg , Total Gate Charge(nC)
Source-Drain Diode Forward Voltage
VSD, Source-To-Drain Voltage(V)
On-Resistance VS Temperature
25℃
125℃
-20℃
0
6
12
18
24
30
0
1
2
3
4
5
Output Characteristics
Transfer Characteristics
VGS, Gate-To-Source Voltage(V)
VDS, Drain-To-Source Voltage(V)



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com