Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PV563BA Datasheet(PDF) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

No. de pieza PV563BA
Descripción Electrónicos  P-Channel Logic Level Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Página de inicio  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

PV563BA Datasheet(HTML) 3 Page - NIKO SEMICONDUCTOR CO., LTD.

  PV563BA Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. PV563BA Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. PV563BA Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. PV563BA Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
P-Channel Logic Level Enhancement Mode
Field Effect Transistor
REV 1.1
3
G-18-4
PV563BA
SOP-8
Halogen-free & Lead-Free
NIKO-SEM
0
6
12
18
24
0
1
23
45
Transfer Characteristics
Output Characteristics
-VDS, Drain-To-Source Voltage(V)
-VGS, Gate-To-Source Voltage(V)
Gate charge Characteristics
Capacitance Characteristic
Qg , Total Gate Charge(nC)
-VDS, Drain-To-Source Voltage(V)
On-Resistance VS Gate-To-Source
On-Resistance VS Drain Current
-ID , Drain-To-Source Current(A)
-VGS, Gate-To-Source Voltage(V)
25℃
-20℃
125℃
0
5
10
15
20
25
30
01
234
5
VGS=-10V
VGS=-9V
VGS=-8V
VGS=-7V
VGS=-6V
VGS=-5V
VGS=-4.5V
VGS=-4V
VGS=-3.5V
VGS=-3V
0
2
4
6
8
10
0
10
2030
4050
VDS=-20V
ID=-9.5A
CRSS
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
COSS
CISS
0
0.03
0.06
0.09
0.12
0.15
2468
10
ID=-9.5A
0
0.005
0.01
0.015
0.02
0.025
0.03
04
8
12
16
VGS=-10V
VGS=-4.5V



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com