Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IXFH15N80Q Datasheet(PDF) 4 Page - IXYS Corporation

No. de pieza IXFH15N80Q
Descripción Electrónicos  HiPerFET Power MOSFETs Q-Class
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IXYS [IXYS Corporation]
Página de inicio  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH15N80Q Datasheet(HTML) 4 Page - IXYS Corporation

  IXFH15N80Q Datasheet HTML 1Page - IXYS Corporation IXFH15N80Q Datasheet HTML 2Page - IXYS Corporation IXFH15N80Q Datasheet HTML 3Page - IXYS Corporation IXFH15N80Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
V
DS - Volts
10
100
1 000
0. 1
1
10
100
Pulse Width - Seconds
10-5
10-4
10-3
10-2
10-1
100
101
0.00
0.01
0.10
1.00
V
DS - Volts
0
5
10
15
20
25
30
35
10
100
1000
10000
V
SD - Volts
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
10
20
30
40
50
Gate Charge - nC
0
20406080
100
120
0
2
4
6
8
10
12
Crss
Coss
Ciss
V
DS = 400 V
I
D = 7.5 A
I
G = 10 mA
f = 1MHz
T
C = 25
OC
10
ms
1 ms
100
ms
DC
T
J = 125
OC
Single Pulse
D=0.01
D=0.02
D=0.05
D=0.1
D=0.2
D=0.5
T
J = 25
OC
0.1 ms
60
Figure 8. Capacitance Curves
Figure 7. Gate Charge
Figure 9. Source Current vs. Source to Drain Voltage
Figure 11. Transient Thermal Resistance
Figure10. Forward Bias Safe Operating
Area
IXFH 15N80Q
IXFT 15N80Q



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com