Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PRM040N10D Datasheet(PDF) 1 Page - PFC Device Inc.

No. de pieza PRM040N10D
Descripción Electrónicos  100V Single N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PFC [PFC Device Inc.]
Página de inicio  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PRM040N10D Datasheet(HTML) 1 Page - PFC Device Inc.

  PRM040N10D Datasheet HTML 1Page - PFC Device Inc. PRM040N10D Datasheet HTML 2Page - PFC Device Inc. PRM040N10D Datasheet HTML 3Page - PFC Device Inc. PRM040N10D Datasheet HTML 4Page - PFC Device Inc. PRM040N10D Datasheet HTML 5Page - PFC Device Inc. PRM040N10D Datasheet HTML 6Page - PFC Device Inc. PRM040N10D Datasheet HTML 7Page - PFC Device Inc. PRM040N10D Datasheet HTML 8Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
100V Single N-Channel MOSFET
Dec-2018
Version 4.3
1 / 8
PFC Device Corporation
PRM040N10D
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
VDS
100
V
ID (TC=25℃)
26.6
A
Max. RDS(ON)@VGS=10V
40
m
Max. RDS(ON)@VGS=4.5V
50
m
TJ Operating Junction
Temperature
-55 to +150
oC
General Description
The N-Channel enhancement mode power
field effect transistor is using trench DMOS
technology. This advanced technology has
been especially tailored to minimize
on-state resistance, provide superior
switching performance, and withstand high
energy pulse in the avalanche and
commutation mode. The device is well
suited for high efficiency fast switching
applications.
Typical Applications
 Charger Adapter
 Power Tools
 LED Lighting
Features
 Max. RDS(ON)=40mΩ@VGS=10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
PRM040N10D
TO-252 (D-PAK)
S
G
D


Número de pieza similar - PRM040N10D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PFC Device Inc.
PRM040N10CTB PFC-PRM040N10CTB Datasheet
850Kb / 8P
100V Single N-Channel MOSFET
More results

Descripción similar - PRM040N10D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PFC Device Inc.
PRM7R7N10CT PFC-PRM7R7N10CT Datasheet
866Kb / 8P
100V Single N-Channel MOSFET
PRM8R0N10E PFC-PRM8R0N10E Datasheet
805Kb / 7P
100V Single N-Channel MOSFET
PRM8R5N10CTF PFC-PRM8R5N10CTF Datasheet
856Kb / 8P
100V Single N-Channel MOSFET
PRM9R2N10CT PFC-PRM9R2N10CT Datasheet
884Kb / 8P
100V Single N-Channel MOSFET
PRM9R2N10N5 PFC-PRM9R2N10N5 Datasheet
813Kb / 7P
100V Single N-Channel MOSFET
PRM010N10CTF PFC-PRM010N10CTF Datasheet
782Kb / 8P
100V Single N-Channel MOSFET
PRM012N10D PFC-PRM012N10D Datasheet
855Kb / 8P
100V Single N-Channel MOSFET
PRM012N10E PFC-PRM012N10E Datasheet
795Kb / 8P
100V Single N-Channel MOSFET
PRM020N10CTF PFC-PRM020N10CTF Datasheet
851Kb / 8P
100V Single N-Channel MOSFET
PRM020N10E PFC-PRM020N10E Datasheet
868Kb / 8P
100V Single N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com