Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TMP235 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TMP235
Descripción Electrónicos  Automotive Grade, High-Accuracy Analog Output Temperature Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TMP235 Datasheet(HTML) 5 Page - Texas Instruments

  TMP235 Datasheet HTML 1Page - Texas Instruments TMP235 Datasheet HTML 2Page - Texas Instruments TMP235 Datasheet HTML 3Page - Texas Instruments TMP235 Datasheet HTML 4Page - Texas Instruments TMP235 Datasheet HTML 5Page - Texas Instruments TMP235 Datasheet HTML 6Page - Texas Instruments TMP235 Datasheet HTML 7Page - Texas Instruments TMP235 Datasheet HTML 8Page - Texas Instruments TMP235 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
TMP235-Q1, TMP236-Q1
www.ti.com
SBOS939 – APRIL 2019
Product Folder Links: TMP235-Q1 TMP236-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the TMP235-Q1 Transfer
Table and TMP236-Q1 Transfer Table at the specified conditions of supply voltage and temperature (expressed in °C). Accuracy limits
include line regulation within the specified conditions. Accuracy limits do not include load regulation; they assume no DC load.
6.5 Electrical Characteristics
TMP235-Q1: VDD = 2.3 V to 5.5 V, GND = Ground, TA = –40°C to +125°C and no load (unless otherwise noted)
TMP236-Q1: VDD = 3.1 V to 5.5 V, GND = Ground, TA = –10°C to +125°C and no load (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
IDD
Operating current
TA = 25℃, VDD = 2.3 V, TMP235-Q1
9
µA
TA = 25℃, VDD = 3.1 V, TMP236-Q1
10
TA = –40℃ to +125℃, TMP235-Q1
14.5
TA = –10℃ to +125℃, TMP236-Q1
15
TA = 150℃, TMP235-Q1
17
Δ℃/
ΔVDD
Line regulation
–0.1
0.02
0.1
℃/V
SENSOR ACCURACY
TACY
Temperature accuracy(1)
TA = 25°C
±0.5
TACY
Temperature accuracy(1)
TA = 0°C to 70°C (SC70 Package)
–1.5
±0.5
+1.2
TACY
Temperature accuracy(1)
TA = 0°C to 70°C (SOT-23 Package)
–1.5
±0.5
+1.2
TACY
Temperature accuracy(1)
TA = –40°C to 125°C (TMP235-Q1)
–2.5
±0.5
+2.5
TACY
Temperature accuracy(1)
TA = –40°C to 150°C (TMP235-Q1)
–2.5
±0.5
+2.5
TACY
Temperature accuracy(1)
TA = –10°C to 125°C (TMP236-Q1)
–2.5
±0.5
+2.5
SENSOR OUTPUT
V0℃
Output voltage offset at 0 °C
TMP235-Q1
500
mV
TMP236-Q1
400
TC
Temperature coefficient (sensor gain)
TMP235-Q1
10
mV/
TMP236-Q1
19.5
VONL
Output nonlinearity(1)
TA = 0 °C to 70 °C, no load
±0.5
IOUT
Output current
500
μA
ZOUT
Output impedance
IOUT = 100 μA, f = 100 Hz
20
IOUT = 100 μA, f = 500 Hz
50
Output load regulation
TA = 0°C to 70°C, IOUT = 100 μA,
ΔVOUT / ΔIOUT
1
tON
Turn on time
Time to reach accuracy within ±0.5°C
800
μs
CLOAD
Typical load capacitance
1000
pF
tRES
Thermal response to 63%
SC70
30°C (Air) to +125°C (Fluid Bath)
1.3
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com